Part Number Hot Search : 
UMG4NTR 7039A 012R2 M082B1 SP8630B GS864218 HZM68FA 112U0
Product Description
Full Text Search
 

To Download BCW61A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
General Purpose Transistor BCW61A/B/C/D
Transistors IC
Features
PNP Epitaxial Silicon Transistor
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Unit: mm
+0.1 2.4-0.1
+0.1 1.3-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25 unless otherwise noted
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Power Dissipation Storage Temperature Symbol VCBO VCEO VEBO IC PC TSTG Rating -32 -32 -5 -100 350 -55 to +150 Unit V V V mA mW
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1
SMD Type
BCW61A/B/C/D
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current BCW61B DC current gain BCW61C BCW61D BCW61B DC current gain BCW61C BCW61D BCW61B DC current gain BCW61C BCW61D Collector-emitter saturation voltage VCE(sat) IC = -10 mA; IB = -0.25 mA IC = -50 mA; IB = -1.25 mA Base to emitter saturation voltage Base to emitter voltage Collector capacitance Emitter capacitance Transition frequency * Noise figure * Pulse test: tp 300 is; d 0.02. VBE(sat) VBE CC Ce fT NF IC = -10 mA; IB = -0.25 mA IC = -50 mA; IB = -1.25 mA IC = -2 mA; VCE = -5 V IE = ie = 0; VCB = -10 V; f = 1 MHz IC = ic = 0; VEB = -0.5 V; f = 1 MHz IC = -10 mA; VCE = -5 V; f = 100 MHz IC = -200 iA; VCE = -5 V; RS = 2 kU; f = 1 kHz; B = 200 Hz 100 hFE IC = -50 mA; VCE = -5 V hFE IC = -2 mA; VCE = -5 V hFE IC = -10iA; VCE = -5 V Symbol ICBO ICBO IEBO Testconditons IE = 0; VCB = -32 V IE = 0; VCB = -32 V; Tamb = 150 IC = 0; VEB = -4 V 30 40 100 180 250 380 80 100 110 -60 -120 -600 -0.68 -600 Min
Transistors IC
Typ
Max -20 -20 -20
Unit nA iA nA
310 460 630
-250 -550 -850 -1.05 -650 4.5 11 -750
mV mV mV V mV pF pF MHz
2
6
dB
Marking
TYPE Marking BCW61A BA BCW61B BB BCW61C BC BCW61D BD
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of BCW61A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X